PART |
Description |
Maker |
IR2108 IR21084 IR21084S IR21084STR IR2108S IR2108S |
Half Bridge Driver, Soft Turn-On, Separate High and Low Side Inputs, Fixed 500ns Deadtime in a 8-pin DIP package Half Bridge Driver, Soft Turn-On, All High Voltage Pins on One Side, Separate High and Low Side Inputs, Programmable 0.5-5us Deadtime in a 14-pin DIP package Half Bridge Driver, Soft Turn-On, All High Voltage Pins on One Side, Separate High and Low Side Inputs, Programmable 0.5-5us Deadtime in a 14-lead SOIC package Half Bridge Driver, Soft Turn-On, Separate High and Low Side Inputs, Fixed 500ns Deadtime in a 8-lead SOIC package
|
International Rectifier
|
IR21834 |
High and Low Side Driver, SoftTurn-On, Low Side Inverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, Separate Logic and Power Ground, Programmable Deadtime in a 14-pin DIP package
|
International Rectifier
|
TLD1314EL TLD1314EL-15 |
3 Channel High Side Current Source Basic LED Driver Smart low side and high side switches
|
Infineon Technologies AG Infineon Technologies A... Marl International Limi...
|
CAT24FC256 CAT24FC256JA CAT24FC256JE CAT24FC256JI |
256K-Bit I2C Serial CMOS EEPROM 256K位I2C串行CMOS EEPROM LM5100/LM5101 High Voltage High Side and Low Side Gate Driver; Package: LLP; No of Pins: 10 256K位I2C串行CMOS EEPROM LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: LLP; No of Pins: 10 LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: SOIC NARROW; No of Pins: 8 Serial EEPROM, Full Array Write Protect, 256Kb, 400kHz
|
ITT, Corp. NXP Semiconductors N.V. CATALYST[Catalyst Semiconductor]
|
IR2103 IR2103PBF IR2103S IR2103SPBF IR2103STR |
Half Bridge Driver, Separate High and Low Side Inputs, Inverting Low Side Input, Fixed 520ns Deadtime in a 8-pin DIP package Half Bridge Driver, Separate High and Low Side Inputs, Inverting Low Side Input, Fixed 520ns Deadtime in a 8-lead SOIC package
|
International Rectifier
|
IR2113STR IR2110 IR2110S IR2110SPBF IR2113-1 IR211 |
High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 16-lead SOIC package High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down in a 14-pin DIP package High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package in a 14-pin DIP -1 lead package High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package in a 16-pin DIP -2 leads package
|
International Rectifier
|
L6386D L6386 E-L6386D013TR |
0.65 A HALF BRDG BASED MOSFET DRIVER, PDSO14 HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
|
STMICROELECTRONICS[STMicroelectronics]
|
MIC446705 MIC44XXBWM MIC446711 MIC4468 MIC4469BWM |
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS 1.2 A 4 CHANNEL, AND GATE BASED MOSFET DRIVER, PDSO16 MOSFET Driver IC; MOSFET Driver Type:Quad Drivers, Low Side H Bridge; Peak Output High Current, Ioh:1.2A; Rise Time:14ns; Fall Time, tf:13ns; Load Capacitance:1000pF; Package/Case:16-SOIC; No. of Drivers:4; Supply Voltage Max:18V RoHS Compliant: Yes
|
Micrel Semiconductor MICREL INC
|
IR2011 IR2011S |
High and Low Side Driver in a 8-Lead PDIP package High and Low Side Driver in a 8-Lead SOIC package
|
International Rectifier
|
MIC5011 MIC5011BM MIC5011BN |
Minimum Parts High- or Low-Side MOSFET Driver Minimum Parts High- or Low-Side MOSFET Driver BUF OR INV BASED MOSFET DRIVER, PDSO8 Minimum Parts High- or Low-Side MOSFET Driver BUF OR INV BASED MOSFET DRIVER, PDIP8
|
MICREL[Micrel Semiconductor] Micrel Semiconductor, Inc.
|
IR21844S IR2184S |
High and Low Side Driver, SoftTurn-On, Single Input Plus Inverting Shut-Down, All High Voltage Pins on One Side, Separate Logic and Power Ground, Programmable Deadtime in a 14-lead SOIC package High and Low Side Driver, SoftTurn-On, Single Input Plus Inverting Shut-Down, All High Voltage Pins on One Side, Separate Logic and Power Ground, Programmable Deadtime in a 14-pin DIP package High and Low Side Driver, SoftTurn-On, Single Input Plus Inverting Shut-Down, 500ns Deadtime in a 8-pin DIP package High and Low Side Driver, SoftTurn-On, Single Input Plus Inverting Shut-Down, 500ns Deadtime in a 8-lead SOIC package
|
International Rectifier
|
TLE7826G |
Integrated double low-side switch, high-side/LED driver, hall supply, wake-up inputs and LIN communication with embedded MCU (32kB Flash)
|
Infineon Technologies AG
|
|